PART |
Description |
Maker |
LTC1410 LTC1410C LTC1410CG LTC1410CSW LTC1410I LTC |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 12-Bit/ 1.25Msps Sampling A/D Converter with Shutdown 12-Bit, 1.25Msps Sampling A/D Converter with Shutdown From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
LTC2257IUJ-14-PBF LTC2258CUJ-14-PBF LTC2258IUJ-14- |
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC2297UP LTC2296IUP LTC2297IUP |
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology Corporation Linear Technology, Corp.
|
AD846BH AD846SH AD846AH AD846SH/883B |
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C Current-Feedback Operational Amplifier 电流反馈运算放大
|
Analog Devices, Inc.
|
CE2766 |
6-Channe Audio DAC
|
CEI
|
LTC2237CUH LTC2237IUH LTC2238CUH LTC2238IUH LTC223 |
10-Bit, 65/40/25Msps Low Noise 3V ADCs 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
LTC1850CFW LTC1850IFW LTC1851CFW LTC1851IFW LTC185 |
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO48 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO48
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1410CSWTR LTC1410CGPBF LTC1410CSWTRPBF LTC1410I |
12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
LTC1415CGTR |
12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
LTC1746 LTC1746CFW LTC1746IFWPBF LTC1746IFWTRPBF |
Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48 Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48
|
Linear Technology, Corp.
|